Part Number Hot Search : 
CS48C TC429CPA TO521 FDMS8 BZG03C6X CEU2303 770212 SBP1545
Product Description
Full Text Search
 

To Download ZMM5234B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM5221B thru ZMM5262B
Surface Mount Zener Diodes
P b Lead(Pb)-Free
Features: * 500mw Power Dissipation * General Purpose, Medium Current * Ideal for Surface Mountted Application
SMALL SIGNAL ZENER DIODES 0.5 WATTS
Mechanical Data: * Case : MINI-MELF Glass Case(SOD-80) * Weight : Approx 0.05 gram
MINI-MELF
MINI-MELF Outline Dimensions
Unit:m m
A B C
MINI MELF
Dim A B C Min 3.30 1.30 0.28 Max 3.70 1.60 0.50
http://www.weitron.com.tw
WEITRON
ZMM5221B thru ZMM5262B
WEITRON
mW C/W V C
Maximum Ratings and Electrical Characteristics (TA=25 C Unless Otherwise Noted) Symbol Characteristics Unit Value
Power Dissipation TA=75 C (1) Thermal Resistance Junction to Ambient Air(1) Forward Voltage @ IF=200mA Operation and Storage Temperature Range PD R JA VF Tj,TSTG 500 300 1.1 -65 to+175
NOTES:1.Valid Provided that Electrodes are Kept at Ambient Temperature.
http://www.weitron.com.tw
WEITRON
ZMM5221B thru ZMM5262B Electrical Characteristics
Zener Voltage(Note1) Part Number ZMM5221B ZMM5222B ZMM5223B ZMM5224B ZMM5225B ZMM5226B ZMM5227B ZMM5228B ZMM5229B ZMM5230B ZMM5231B ZMM5232B ZMM5233B ZMM5234B ZMM5235B ZMM5236B ZMM5237B ZMM5238B ZMM5239B ZMM5240B ZMM5241B ZMM5242B ZMM5243B ZMM5244B ZMM5245B ZMM5246B ZMM5247B ZMM5248B ZMM5249B ZMM5250B ZMM5251B ZMM5252B ZMM5253B ZMM5254B ZMM5255B ZMM5256B ZMM5257B ZMM5258B ZMM5259B ZMM5260B ZMM5261B ZMM5262B Vz Nom (V) 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 Min (V) 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.24 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 Max (V) 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.010 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 @IZT (mA ) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 Max ,Reverse Leakage Current IR@VR ( A) 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 (V ) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 (W ) 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 Max, Zener Impedance ZZT@IZT ( mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5
WE IT R ON
(TA=25 C unless otherwise noted, VF=1.1 V Max. @IF=200mA for all types) Typical Temperature Coefficient Tc %/C -0.085 -0.085 -0.085 -0.085 -0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096
1. Zener voltage is measured with a pulse test current Iz at an ambient temperture of 25 C 2. Zenner Voltage Tolerance Suffix "B" For 5%
http://www.weitron.com.tw
WEITRON
ZMM5221B thru ZMM5262B
Cj , JUNCTION CAPACITANCE(pF)
500 200
WE IT R ON
VR=2.0V TJ=25 C
PD,POWER DISSIPATION(mW)
400
150
300
100
200
100
50
0
0
40
80
120
160
200
0
0
5
10
15
20
25
FIG 1, Power Dissipation vs Ambient Temperature 1000 DIFFERENTIAL ZENER RESISTANCE ( )
TA, AMBIENT TEMPERATURE
Fig 2., Junction Capacitance vs Zener Voltage
VZ, ZENER VOLTAGE (V)
Tj=25 C
100
Iz=1.0 mA
5.0 mA 10
10 mA 1 0 5 10 15 20 25
FIG 3, DIFFERENTIAL ZENER IMPEDANCE
VZ, ZENER VOLTAGE (V)
r(t), NORMALIZED EFFECTIVE TRANSIENT THE RMAL RESISRTANCE ( C)
1000
100
R JA (1)=r(1) R JA R JA = 300K/W
10
P(pk)
1.0 0.1
D=0.5 0.2 0.1 0.05 0.02 0.01
t1 t2
TJ-TA=Ppk R JA Duty Cycle, D=t1/t2
1.0
10
100
1000
t1, SQUARE WAVE PULSE DURATION (seconds)
Fig 4 ,Typical Normallzed Transient Thermal Impedance Curves
WEITRON
http//www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of ZMM5234B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X